|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
Series 117 / 217 Shrinkdip sockets Open and closed frame Solder tail 61 High density Dual-in-line sockets for devices featuring 0.07 (1.778 mm) lead spacing. Four-finger beryllium copper contact meets high vibration and shock requirements Insertion characteristics: 4-finger standard Platings 91 93 97 99 Sleeve 5 m Sn Pb 5 m Sn Pb 5 m Sn Pb 5 m Sn Pb Clip 0.25 m Au 0.75 m Au Goldflash 5 m Sn Pb Pin Ordering information For complete part number see Order Codes list below No. of poles Plating 91 Open frame 117 117-91-316-41-005 117-91-428-41-005 117-91-430-41-005 117-91-432-41-005 117-91-448-41-005 117-91-620-41-005 117-91-624-41-005 117-91-628-41-005 117-91-640-41-005 117-91-642-41-005 117-91-648-41-005 117-91-652-41-005 117-91-656-41-005 117-91-664-41-005 117-91-668-41-005 117-91-764-41-005 Closed frame 217 217-91-764-41-005 Plating 93 Order Codes Insulator dimensions Plating 99 B See page 52 Fig. 70 Fig. 71 aFig. 71a bFig. 71b Fig. 72 Fig. 81 Fig. 82 Fig. 73 Fig. 74 Fig. 75 Fig. 76 Fig. 77 aFig. 77a Fig. 78 Fig. 79 Fig. 80 Fig. 90 A B C Plating 97 16 28 30 32 48 20 24 28 40 42 48 52 56 64 68 64 64 117-93-316-41-005 117-93-428-41-005 117-93-430-41-005 117-93-432-41-005 117-93-448-41-005 117-93-620-41-005 117-93-624-41-005 117-93-628-41-005 117-93-640-41-005 117-93-642-41-005 117-93-648-41-005 117-93-652-41-005 117-93-656-41-005 117-93-664-41-005 117-93-668-41-005 117-93-764-41-005 217-93-764-41-005 117-97-316-41-005 117-97-428-41-005 117-97-430-41-005 117-97-432-41-005 117-97-448-41-005 117-97-620-41-005 117-97-624-41-005 117-97-628-41-005 117-97-640-41-005 117-97-642-41-005 117-97-648-41-005 117-97-652-41-005 117-97-656-41-005 117-97-664-41-005 117-97-668-41-005 117-97-764-41-005 217-97-764-41-005 117-99-316-41-005 117-99-428-41-005 117-99-430-41-005 117-99-432-41-005 117-99-448-41-005 117-99-620-41-005 117-99-624-41-005 117-99-628-41-005 117-99-640-41-005 117-99-642-41-005 117-99-648-41-005 117-99-652-41-005 117-99-656-41-005 117-99-664-41-005 117-99-668-41-005 117-99-764-41-005 217-99-764-41-005 14.60 7.62 10.16 25.20 27.00 28.80 43.00 18.10 21.55 25.20 35.90 37.70 43.10 46.60 50.00 57.20 60.80 10.16 10.16 10.16 10.16 15.24 15.24 15.24 15.24 15.24 15.24 15.24 15.24 15.24 15.24 12.70 12.70 12.70 12.70 17.78 17.64 17.78 17.78 17.78 17.78 17.78 17.78 17.78 17.78 57.40 19.05 21.59 57.40 19.05 21.59 B Products not available from stock. Please consult PRECI-DIP. This datasheet has been download from: www..com Datasheets for electronics components. |
Price & Availability of 117-97-668-41-005 |